Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 1 Page - STMicroelectronics

  L9805E Datasheet HTML 1Page - STMicroelectronics L9805E Datasheet HTML 2Page - STMicroelectronics L9805E Datasheet HTML 3Page - STMicroelectronics L9805E Datasheet HTML 4Page - STMicroelectronics L9805E Datasheet HTML 5Page - STMicroelectronics L9805E Datasheet HTML 6Page - STMicroelectronics L9805E Datasheet HTML 7Page - STMicroelectronics L9805E Datasheet HTML 8Page - STMicroelectronics L9805E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
September 2013
Rev 3
1/125
1
L9805E
Super smart power motor driver with 8-Bit MCU,
RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
Features
■ 6.4-18V supply operating range
■ 16 MHz maximum oscillator frequency
■ 8 MHz maximum internal clock frequency
■ Oscillator supervisor
■ Fully static operation
■ -40°C to + 150°C temperature range
■ User EPROM/OTP: 16 Kbytes
■ Data RAM: 256 bytes
■ Data EEPROM: 128 bytes
■ 64 pin HiQUAD64 package
■ 10 multifunctional bidirectional I/O lines
■ Two 16-bit Timers, each featuring:
– 2 input captures
– 2 output compares
– External clock input (on Timer 1)
– PWM and pulse generator modes
■ Two programmable 16-bit PWM generator
modules.
■ K line transceiver
■ CAN peripheral including bus line interface
according 2A/B passive specifications
■ 10-bit analog-to-digital converter
■ Software watchdog for system integrity
■ Master reset, power-on reset, low voltage reset
■ 90m DMOS H-bridge.
■ 8-bit data manipulation
■ 63 basic Instructions and 17 main addressing
modes
■ 8 x 8 unsigned multiply instruction
■ True bit manipulation
■ Complete development support on
DOS/WINDOWSTM Real-Time Emulator
■ Full software package on DOS/WINDOWS™
(C-Compiler, Cross-Assembler, Debugger).
HiQUAD64
Table 1.
Device summary
Part number
Package
Packing
L9805E
HiQUAD64
Tray
www.st.com


Similar Part No. - L9805E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 127P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
08-Jun-2006
More results

Similar Description - L9805E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9805 STMICROELECTRONICS-L9805 Datasheet
853Kb / 103P
Super Smart Power Motor Driver with 8-BIT MCU, CAN Interface, 16K EPROM, 256Bytes RAM, 128 Bytes EEPROM, 10 Bit ADC, WDG, 2 Timers, 2 PWM Modules, Ful
Jul-2001
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
L9805E STMICROELECTRONICS-L9805E Datasheet
1Mb / 127P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
08-Jun-2006
L9803 STMICROELECTRONICS-L9803 Datasheet
1Mb / 126P
Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
09-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com