Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 113 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 109Page - STMicroelectronics L9805E Datasheet HTML 110Page - STMicroelectronics L9805E Datasheet HTML 111Page - STMicroelectronics L9805E Datasheet HTML 112Page - STMicroelectronics L9805E Datasheet HTML 113Page - STMicroelectronics L9805E Datasheet HTML 114Page - STMicroelectronics L9805E Datasheet HTML 115Page - STMicroelectronics L9805E Datasheet HTML 116Page - STMicroelectronics L9805E Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 125 page
background image
L9805E
Electrical characteristics
113/125
7
Electrical characteristics
7.1
Absolute maximum ratings
This device contains circuitry to protect the inputs against damage due to high static voltage
or electric fields. Nevertheless, it is recommended that normal precautions be observed in
order to avoid subjecting this high-impedance circuit to voltage above those quoted in the
Absolute Maximum Ratings. For proper operation, it is recommended that the input voltage
VIN, on the digital pins, be constrained within the range:
(GND - 0.3V)
V
IN  (VDD + 0.3V)
To enhance reliability of operation, it is recommended to configure unused I/Os as inputs
and to connect them to an appropriate logic voltage level such as GND or VDD.
All the voltage in the following tables are referenced to GND.
Table 17.
Absolute maximum ratings (voltage referenced to GND)
Symbol
Ratings
Value
Unit
VBR
VBL
= VB
VB1
Operating supply voltage
t = 10s
ISO transients t = 400ms(1)
1.
ISO transient must not reset the device
0 to 18
0 to 24
0 to 40
V
VBR=VBL
Dynamic destruction proof
t<500µs (single pulse)
0 to -2
V
|AGND - GND|
Max. variations (Ground Line)
50
mV
T
STG
Storage temperature range
-55 to +150
°C
T
J
Junction temperature
150
°C
ESD
ESD susceptibility
2000
V
V
LV
Input voltage, low voltage pins
GND - 0.3 to V
DD + 0.3
V
V
PWM
Pin voltage, PWMI, PWMO
pins
GND - 18 to VB
V
V
CAN
Pin voltage, CAN_H, CAN_L
pins
GND - 18 to VB
V
IIN
Input current (low voltage
pins)
-25.....+25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com