Electronic Components Datasheet Search
  English  ▼

X  

AL600 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # AL600
Description  Single Pair Ethernet Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

AL600 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  AL600 Datasheet HTML 1Page - Elma Electronic Ltd AL600 Datasheet HTML 2Page - Elma Electronic Ltd AL600 Datasheet HTML 3Page - Elma Electronic Ltd AL600 Datasheet HTML 4Page - Elma Electronic Ltd AL600 Datasheet HTML 5Page - Elma Electronic Ltd AL600 Datasheet HTML 6Page - Elma Electronic Ltd AL600 Datasheet HTML 7Page - Elma Electronic Ltd AL600 Datasheet HTML 8Page - Elma Electronic Ltd AL600 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Embedded Blue® • AL600 • Single Pair Ethernet Switch
Technical Features
Power Requirements
<
DC Input, 9-57V (12VDC, 24VDC, 48VDC)
<
Absolute maximum input voltage 65VDC
<
Power consumption 2.5W max.
<
Fast acting chip fuse (PCB soldered type)
<
Protected against reverse polarity
<
ESD protection (TVS)
<
Common mode input filter
<
Sales option terminal block 3.5mm pitch 4-position screw lock (bottom of box) power input
<
Sales option rear power connector (desktop adapter 4-pos. circular connector)
Applications
<
Industrial networks - IIoT
<
Automotive gateway
<
In-vehicle networking
<
Automotive test equipment
<
Rugged environments
<
Edge computing
<
Transportation
<
Construction vehicles
<
Harvester
Environmental, Regulatory
<
Designed & manufactured in Germany
<
ISO 9001 certified quality management
<
Long term availability
<
Rugged solution
<
RoHS compliant
<
Operating temperature -40°C to +85°C (industrial temperature range)
<
Storage temperature -40°C to +85°C, max. gradient 5°C/min
<
Humidity 5% ... 95% RH non condensing
<
Altitude -300m ... +3000m
<
Shock 15g 0.33ms, 6g 6ms
<
Vibration 1g 5-2000Hz
<
EC Regulatory EN55024, EN55032, EN62368-1 (CE)
<
MTBF tbd years
all items may be subject to technical changes w/o further notice
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com