Electronic Components Datasheet Search
  English  ▼

X  

AL600 Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # AL600
Description  Single Pair Ethernet Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

AL600 Datasheet(HTML) 7 Page - Elma Electronic Ltd

Back Button AL600 Datasheet HTML 3Page - Elma Electronic Ltd AL600 Datasheet HTML 4Page - Elma Electronic Ltd AL600 Datasheet HTML 5Page - Elma Electronic Ltd AL600 Datasheet HTML 6Page - Elma Electronic Ltd AL600 Datasheet HTML 7Page - Elma Electronic Ltd AL600 Datasheet HTML 8Page - Elma Electronic Ltd AL600 Datasheet HTML 9Page - Elma Electronic Ltd AL600 Datasheet HTML 10Page - Elma Electronic Ltd AL600 Datasheet HTML 11Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Embedded Blue® • AL600 • Single Pair Ethernet Switch
1
2
IEC 63171-6
DA+
DA-
279.20.02.00
SPE Ethernet Connectors
IEC 63171-6 • Single Pair Ethernet
Fully Shielded Latching PCB Connectors IP20
Switch Ports 2-8 100BASE-T1 IEEE 802.3bw
1
BI_DA+
2
BI_DA-
Housing
FE (Shield)
Mating Cable Assemblies
IEC 63171-6 Cable Connectors at Both Ends
EKF Part No.
279.21.030.0
3m
Harting
33 28 010 1001 030
33 28 010 1001 XXX
030 = 3m
XXX = Length
EKF is a member of the Single Pair Ethernet Industrial Partner Network®
© EKF
-7-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com