Electronic Components Datasheet Search
  English  ▼

X  

AL600 Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # AL600
Description  Single Pair Ethernet Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

AL600 Datasheet(HTML) 5 Page - Elma Electronic Ltd

  AL600 Datasheet HTML 1Page - Elma Electronic Ltd AL600 Datasheet HTML 2Page - Elma Electronic Ltd AL600 Datasheet HTML 3Page - Elma Electronic Ltd AL600 Datasheet HTML 4Page - Elma Electronic Ltd AL600 Datasheet HTML 5Page - Elma Electronic Ltd AL600 Datasheet HTML 6Page - Elma Electronic Ltd AL600 Datasheet HTML 7Page - Elma Electronic Ltd AL600 Datasheet HTML 8Page - Elma Electronic Ltd AL600 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Embedded Blue® • AL600 • Single Pair Ethernet Switch
1
3
DC
AL600
Embedded Blue®
4
5
6
7
8
2
30.0mm
Front View
DC LED Status
green
T
DC input power present (9-44VDC, brightness varies w. input voltage)
blue
T
DC input power present (44-57VDC)
red
Y
DC input power overvoltage (>57VDC) . absolute maximum input voltage 65VDC .
red
X
DC input power reverse polarity - swap wires connected to M12-A pins 2/4
red
1)
Internal fault (main chip fuse broken)
off
X
DC input power not present or very low voltage
off
X
DC input power not applied to M12-A connector pins 2/4
1) SMD component - no replacement on-site
© EKF
-5-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com