Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2102 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 5 Page - Texas Instruments

  CDCLVD2102 Datasheet HTML 1Page - Texas Instruments CDCLVD2102 Datasheet HTML 2Page - Texas Instruments CDCLVD2102 Datasheet HTML 3Page - Texas Instruments CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CDCLVD2102
www.ti.com
SCAS904A – MAY 2010 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS: (continued)
At VCC = 2.375 V to 2.625 V and TA = –40°C to 85°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS OUTPUT CHARACTERISTICS
|VOD|
Differential output voltage magnitude
250
450
mV
Change in differential output voltage
ΔVOD
–15
15
mV
magnitude
VIN, DIFF, PP = 0.3 V,RL = 100 Ω
Steady-state common mode output
VOC(SS)
1.1
1.375
V
voltage
Steady-state common mode output
ΔVOC(SS)
VIN, DIFF, PP = 0.6 V,RL = 100 Ω
–15
15
mV
voltage
Percentage of output amplitude
Vring
Output overshoot and undershoot
10%
VOD
VOS
Output ac common mode
VIN, DIFF, PP = 0.6 V, RL = 100 Ω
25
70
mVPP
IOS
Short-circuit output current
VOD = 0 V
±24
mA
tPD
Propagation delay
VIN, DIFF, PP = 0.3 V
1.5
2.5
ns
tSK, PP
Part-to-part skew
600
ps
tSK, O_WB
Within bank output skew
15
ps
tSK,O_BB
Bank-to-bank output skew
Both inputs are phase aligned
100
ps
Pulse skew(with 50% duty cycle
Crossing-point-to-crossing-point
tSK,P
–50
50
ps
input)
distortion
Random additive jitter (with 50% duty
Edge speed = 0.75V/ns,
tRJIT
0.3
ps, RMS
cycle input)
10 kHz – 20 MHz
tR/tF
Output rise/fall time
20% to 80%,100
Ω, 5 pF
50
300
ps
ICCSTAT
Static supply current
Outputs unterminated, f = 0 Hz
27
45
mA
All outputs enabled, RL = 100 Ω,
ICC100
Supply current
49
77
mA
f = 100 MHz
All outputs enabled, RL = 100 Ω,
ICC800
Supply current
76
106
mA
f = 800 MHz
VAC_REF CHARACTERISTICS
VAC_REF
Reference output voltage
VCC = 2.5 V, Iload = 100 µA
1.1
1.25
1.35
V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com