Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2102 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments CDCLVD2102 Datasheet HTML 10Page - Texas Instruments CDCLVD2102 Datasheet HTML 11Page - Texas Instruments CDCLVD2102 Datasheet HTML 12Page - Texas Instruments CDCLVD2102 Datasheet HTML 13Page - Texas Instruments CDCLVD2102 Datasheet HTML 14Page - Texas Instruments CDCLVD2102 Datasheet HTML 15Page - Texas Instruments CDCLVD2102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
VAC_REF
50 W
150 W
75 W
CDCLVD2102
Z = 50 W
LVPECL
100 nF
Z = 50 W
100 nF
75 W
150 W
50 W
V
IH +
V
IL
2
V
th =
CDCLVD2102
Z = 50 W
LVCMOS
(2.5V)
RS
CDCLVD2102
SCAS904A – MAY 2010 – REVISED JUNE 2010
www.ti.com
Figure 18 shows how to connect LVPECL inputs to the CDCLVD2102. The series resistors are required to
reduce the LVPECL signal swing if the signal swing is >1.6 VPP.
Figure 18. LVPECL Clock Driver Connected to CDCLVD2102 Input
Figure 19 illustrates how to couple a 2.5 V LVCMOS clock input to the CDCLVD2102 directly. The series
resistance (RS) should be placed close to the LVCMOS driver if needed. 3.3 V LVCMOS clock input swing needs
to be limited to VIH ≤ VCC.
Figure 19. 2.5V LVCMOS Clock Driver Connected to CDCLVD2102 Input
If one of the buffers is used, then the other unused buffer should be disabled through the EN pin, and the unused
input pins should be grounded by 1k
Ω resistors.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com