Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2108 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVD2108
Description  Dual 1:8 Low Additive Jitter LVDS Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2108 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD2108 Datasheet HTML 1Page - Texas Instruments CDCLVD2108 Datasheet HTML 2Page - Texas Instruments CDCLVD2108 Datasheet HTML 3Page - Texas Instruments CDCLVD2108 Datasheet HTML 4Page - Texas Instruments CDCLVD2108 Datasheet HTML 5Page - Texas Instruments CDCLVD2108 Datasheet HTML 6Page - Texas Instruments CDCLVD2108 Datasheet HTML 7Page - Texas Instruments CDCLVD2108 Datasheet HTML 8Page - Texas Instruments CDCLVD2108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CDCLVD2108
www.ti.com
SCAS905C – OCTOBER 2010 – REVISED DECEMBER 2010
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
6, 7, 13,
2.5V supplies for the device
VCC
Power
24, 37, 48
GND
1,12
Ground
Device ground
INP0, INN0
10, 9
Input
Differential input pair or single ended input for buffer 0
INP1, INN1
3,4
Input
Differential input pair or single ended input for buffer 1
OUTP0, OUTN0
14, 15
Output
Differential LVDS output pair no. 0
OUTP1, OUTN1
16,17
Output
Differential LVDS output pair no. 1
OUTP2, OUTN2
18,19
Output
Differential LVDS output pair no. 2
OUTP3, OUTN3
20, 21
Output
Differential LVDS output pair no. 3
INP0/INN0 is the input
OUTP4, OUTN4
22,23
Output
Differential LVDS output pair no. 4
OUTP5, OUTN5
25, 26
Output
Differential LVDS output pair no. 5
OUTP6, OUTN6
27, 28
Output
Differential LVDS output pair no. 6
OUTP7, OUTN7
29, 30
Output
Differential LVDS output pair no. 7
OUTP8,OUTN8
31, 32
Output
Differential LVDS output pair no. 8
OUTP9,OUTN9
33, 34
Output
Differential LVDS output pair no. 9
OUTP10,OUTN10
35, 36
Output
Differential LVDS output pair no. 10
OUTP11,OUTN11
38, 39
Output
Differential LVDS output pair no. 11
INP1/INN1 is the input
OUTP12,OUTN12
40, 41
Output
Differential LVDS output pair no. 12
OUTP13,OUTN13
42, 43
Output
Differential LVDS output pair no. 13
OUTP14,OUTN14
44, 45
Output
Differential LVDS output pair no. 14
OUTP15,OUTN15
46, 47
Output
Differential LVDS output pair no. 15
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use
VAC_REF0
8
Output
a 0.1µF to GND on this pin.
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use
VAC_REF1
5
Output
a 0.1µF to GND on this pin.
N.C.
11
No connect
Input with an
internal 200k
Ω
EN
2
Control pin – enables or disables the outputs (See Table 1)
pull-up and
pull-down
Device ground. Thermal Pad must be soldered to ground. See thermal
Thermal Pad
Ground
management recommendations.
Table 1. Output Control Table
EN
CLOCK OUTPUTS
0
All outputs disabled (static "0")
OPEN
All outputs enabled
1
OUT0 to OUT7 enabled and OUT8 to OUT15 disabled (static "0")
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com