Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2108 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCLVD2108
Description  Dual 1:8 Low Additive Jitter LVDS Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2108 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVD2108 Datasheet HTML 2Page - Texas Instruments CDCLVD2108 Datasheet HTML 3Page - Texas Instruments CDCLVD2108 Datasheet HTML 4Page - Texas Instruments CDCLVD2108 Datasheet HTML 5Page - Texas Instruments CDCLVD2108 Datasheet HTML 6Page - Texas Instruments CDCLVD2108 Datasheet HTML 7Page - Texas Instruments CDCLVD2108 Datasheet HTML 8Page - Texas Instruments CDCLVD2108 Datasheet HTML 9Page - Texas Instruments CDCLVD2108 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CDCLVD2108
SCAS905C – OCTOBER 2010 – REVISED DECEMBER 2010
www.ti.com
Typical Additive Phase Noise Characteristics for 100 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-132.9
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-138.8
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-147.4
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-153.6
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-155.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-156.2
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-156.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
171
fs, RMS
Typical Additive Phase Noise Characteristics for 737.27 MHz Clock
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz offset
-80.2
dBc/Hz
phn1k
Phase noise at 1 kHz offset
-114.3
dBc/Hz
phn10k
Phase noise at 10 kHz offset
-138
dBc/Hz
phn100k
Phase noise at 100 kHz offset
-143.9
dBc/Hz
phn1M
Phase noise at 1 MHz offset
-145.2
dBc/Hz
phn10M
Phase noise at 10 MHz offset
-146.5
dBc/Hz
phn20M
Phase noise at 20 MHz offset
-146.6
dBc/Hz
tRJIT
Random additive jitter from 10 kHz to 20 MHz
65
fs, RMS
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com