Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2108 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVD2108
Description  Dual 1:8 Low Additive Jitter LVDS Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2108 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVD2108 Datasheet HTML 1Page - Texas Instruments CDCLVD2108 Datasheet HTML 2Page - Texas Instruments CDCLVD2108 Datasheet HTML 3Page - Texas Instruments CDCLVD2108 Datasheet HTML 4Page - Texas Instruments CDCLVD2108 Datasheet HTML 5Page - Texas Instruments CDCLVD2108 Datasheet HTML 6Page - Texas Instruments CDCLVD2108 Datasheet HTML 7Page - Texas Instruments CDCLVD2108 Datasheet HTML 8Page - Texas Instruments CDCLVD2108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PHY2
PHY2
PHY2
PHY2
2
PHY 8
PHY2
PHY2
PHY16
EN
200 MHz
Clock
Generator
100 MHz
CDCLVD 2108
CDCLVD2108
www.ti.com
SCAS905C – OCTOBER 2010 – REVISED DECEMBER 2010
Dual 1:8 Low Additive Jitter LVDS Buffer
Check for Samples: CDCLVD2108
1
FEATURES
DESCRIPTION
•
Dual 1:8 Differential Buffer
•
Low Additive Jitter <300 fs RMS in
The CDCLVD2108 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 16 pairs of differential
10 kHz to 20 MHz
LVDS clock outputs (OUT0, OUT15). Each buffer
•
Low Within Bank Output Skew of 50 ps (Max)
block consists of one input and 8 LVDS outputs. The
•
Universal Inputs Accept LVDS, LVPECL,
inputs can either be LVDS, LVPECL, or LVCMOS.
LVCMOS
The CDCLVD2108 is specifically designed for driving
•
One Input Dedicated for Eight Outputs
50-
Ω transmission lines. In case of driving the inputs
•
Total of 16 LVDS Outputs, ANSI EIA/TIA-644A
in single ended mode, the appropriate bias voltage
Standard Compatible
(VAC_REF) should be applied to the unused negative
input pin.
•
Clock Frequency up to 800 MHz
Using the control pin (EN) outputs can be either
•
2.375–2.625V Device Power Supply
disabled or enabled. If the EN pin is left open all
•
LVDS Reference Voltage, VAC_REF, Available for
outputs are active, if switched to a logical '0' all
Capacitive Coupled Inputs
outputs are disabled (static logical 0), if switched to a
•
Industrial Temperature Range –40°C to 85°C
logical '1', OUT (8..15) are switched off and OUT
(0..7) are active. The part supports a fail safe
•
Packaged in 7mm × 7mm 48-Pin QFN (RGZ)
function. It incorporates an input hysteresis, which
•
ESD Protection Exceeds 3 kV HBM, 1 kV CDM
prevents random oscillation of the outputs in absence
of an input signal.
APPLICATIONS
The device operates in 2.5V supply environment and
•
Telecommunications/Networking
is characterized from –40°C to 85°C (ambient
•
Medical Imaging
temperature). The CDCLVD2108 is packaged in
•
Test and Measurement Equipment
small 48-pin, 7-mm x 7-mm QFN package.
•
Wireless Communications
•
General Purpose Clocking
Figure 1. Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVD2108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI2-CDCLVD2108 Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
CDCLVD2108RGZR TI1-CDCLVD2108RGZR Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2108RGZR TI2-CDCLVD2108RGZR Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
CDCLVD2108RGZR.A TI2-CDCLVD2108RGZR.A Datasheet
1Mb / 19P
Dual 1:8 Low Additive Jitter LVDS Buffer
REVISED DECEMBER 2010
More results

Similar Description - CDCLVD2108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com