Electronic Components Datasheet Search
  English  ▼

X  

L9969X Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 43Page - STMicroelectronics L9969X Datasheet HTML 44Page - STMicroelectronics L9969X Datasheet HTML 45Page - STMicroelectronics L9969X Datasheet HTML 46Page - STMicroelectronics L9969X Datasheet HTML 47Page - STMicroelectronics L9969X Datasheet HTML 48Page - STMicroelectronics L9969X Datasheet HTML 49Page - STMicroelectronics L9969X Datasheet HTML 50Page - STMicroelectronics L9969X Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
In DIA_REG1 the errors are stored. A read process does not reset DIA_REG1.
Reported errors are: Open Load (OL), Over Temperature (OT), Short Circuit (SCG1, SCG2, SCB1, SCB2, SCL).
General description, how the DIA_REG1 and the DIA_REG2 are related together:
•
Any time, an error is detected, the HBR is switched off (exception: Open Load diagnosis)
•
The detected error is to be confirmed or in the case of short circuit to clarify, if single SC or SCL
•
The confirmed error is set in DIA_REG1
•
The HBR can only becomes active again after a Power-On Reset (POR), after a disable-enable sequence
(ENDISR), or after setting DIACLR1
•
The HBR is disabled by the operating software in the control unit, this is the usual procedure
•
Some other action from the operating software in the control unit may happen, f.i. resetting DIA_REG1
•
So in the DIA_REG1 there is still the error code or the DIA_REG is reset
•
Finally the HBR will be enabled again (ENDISR or DIACLR1) by the operating software
If a fault is detected, the H-bridge is switched off and the error is entered in the DIAREG1 (short circuit error after
confirmation).
After EN/DIS sequence or setting DIACLR1 the diagnostic related to the error in DIAREG1 is transferred to
DIAREG2 and DIAREG1 is cleared.
If now another error happens, the H-bridge is switched off and the new error is entered in the DIAREG1.
Remarks:
The errors can be reset selectively. By writing STATCON_REG.DIACLR2 = 0, this resets all errors in DIA_REG2,
that is the previous errors. By writing STATCON_REG.DIACLR1 = 0, this transfers all latched errors from
DIA_REG1 to DIA_REG2 and resets DIA_REG1 afterwards, if there is no under voltage condition existing.
To completely delete the whole error log, the following sequence has to be transmitted via SPI:
•
STATCON_REG.DIACLR1 = 0
•
STATCON_REG.DIACLR2 = 0
Undervoltage at VS (there is no error but condition):
If there is any error stored and additional the condition ‘undervoltage’ occurs, the condition ‘undervoltage’ is
reported as long as the undervoltage condition is present. If the undervoltage condition disappears, the previously
reported error is present again until it is reset.
NABE_DIS always shows directly the status of the power stages. NABE_DIS is set to ‘0’, if the power stages are
disabled by NABE or DIS or (NABE and DIS).
Table 34. Register DIA_REG2
Bit
7
6
5
4
3
2
1
0
Bit-Name
CurrRed
CurrLim
OT
Var2
DIA21
DIA20
DIA11
DIA10
POR
1
1
1
0
1
1
1
1
SPIR
1
1
1
x
1
1
1
1
ENDISR
1
1
x
x
x
x
x
x
RDR
1
1
x
x
x
x
x
x
DIACLR2
1
1
1
x
1
1
1
1
Controller access: read/write
(write-access: WR_DIA2))
(read-access: RD_DIA2
Bit
Name
Description
7
CurrRed
Temperature depend current reduction (TDCR) [no error]
0: TDCR is active
(latched) (r)
1: TDCR is not active
6
CurrLim
Current Limitation (CL) [no error]
0: CL is active
(latched) (r)
L9969x
Functional description
DS14029 - Rev 6
page 47/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com