Electronic Components Datasheet Search
  English  ▼

X  

L9969X Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 58Page - STMicroelectronics L9969X Datasheet HTML 59Page - STMicroelectronics L9969X Datasheet HTML 60Page - STMicroelectronics L9969X Datasheet HTML 61Page - STMicroelectronics L9969X Datasheet HTML 62Page - STMicroelectronics L9969X Datasheet HTML 63Page - STMicroelectronics L9969X Datasheet HTML 64Page - STMicroelectronics L9969X Datasheet HTML 65Page - STMicroelectronics L9969X Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Ref
Dimensions (mm)
Min.
Typ.
Max.
Option A
D1
6.5
-
7.1
E2
4.1
-
4.7
1. Dimensions D and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is ‘0.25 mm’ per side D
and ‘0.15 mm’ per side E1. D and E1 are Maximum plastic body size dimensions including mold mismatch.
7.2
PowerSSO36 (exposed pad opt. A) package information
Figure 35. PowerSSO36 (exposed pad opt. A) package outline
L9969x
Package information
DS14029 - Rev 6
page 62/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com