Electronic Components Datasheet Search
  English  ▼

X  

L9969X Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 21Page - STMicroelectronics L9969X Datasheet HTML 22Page - STMicroelectronics L9969X Datasheet HTML 23Page - STMicroelectronics L9969X Datasheet HTML 24Page - STMicroelectronics L9969X Datasheet HTML 25Page - STMicroelectronics L9969X Datasheet HTML 26Page - STMicroelectronics L9969X Datasheet HTML 27Page - STMicroelectronics L9969X Datasheet HTML 28Page - STMicroelectronics L9969X Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DCmatching = 0
tf_HS01_dcm0
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 0
SR = 01
-5.5
-
-3.0
V/µs
tf_HS10_dcm0
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 0
SR = 10
-30.0
-
-12.0 V/µs
tf_HS11_dcm0
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 0
SR = 11
-35.0
-
-15.0 V/µs
tf_HS00_dcm1
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 00
-2.4
-
-0.975 V/µs
tf_HS01_dcm1
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 01
-5.5
-
-3
V/µs
tf_HS10_dcm1
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 10
-30
-
-12
V/µs
tf_HS11_dcm1
Fall Time HS
OUTx 80% → OUTx 20%
VS = 14 V; Rload = 14 Ω
DCmatching = 1
SR = 11
-35.0
-
-15.0 V/µs
tr_LS00_dcm0
Rise Time LS
OUTx 20% → OUTx 80%
VS = 14 V; Rload = 14 Ω
only valid for DIR change
DCmatching = 0
SR = 00
0.975
-
2.4
V/µs
tr_LS01_dcm0
Rise Time LS
OUTx 20% → OUTx 80%
VS = 14 V; Rload = 14 Ω
only valid for DIR change
DCmatching = 0
SR = 01
3.0
-
5.5
V/µs
tr_LS10_dcm0
Rise Time LS
OUTx 20% → OUTx 80%
VS = 14 V; Rload = 14 Ω
only valid for DIR change
SR = 10
12.0
-
30.0
V/µs
L9969x
Functional description
DS14029 - Rev 6
page 25/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com