Electronic Components Datasheet Search
  English  ▼

X  

INA2331 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA2331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2331 Datasheet(HTML) 3 Page - Texas Instruments

  INA2331 Datasheet HTML 1Page - Texas Instruments INA2331 Datasheet HTML 2Page - Texas Instruments INA2331 Datasheet HTML 3Page - Texas Instruments INA2331 Datasheet HTML 4Page - Texas Instruments INA2331 Datasheet HTML 5Page - Texas Instruments INA2331 Datasheet HTML 6Page - Texas Instruments INA2331 Datasheet HTML 7Page - Texas Instruments INA2331 Datasheet HTML 8Page - Texas Instruments INA2331 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
INA331, INA2331
SBOS215C
3
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C.
At TA = +25°C, RL = 10kΩ, G = 25, and VREF = VS /2, unless otherwise noted.
INA331AIDGK
INA331IDGK
INA2331AIPW
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Input Offset Voltage, RTI
VS = +5V
±250
±500
✻
±1000
µV
Over Temperature
VOS
±1.7
±2.1
mV
Temperature Coefficient
dVOS/dT
±5
✱
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V
±50
±200
✻✻
µV/V
vs Temperature
±220
✱
µV/V
Long-Term Stability
±0.4
✻
µV/month
Input Impedance
1013 || 3
✻
Ω || pF
Input Common-Mode Range
VS = 2.7V
0.35
1.5
✻✻
V
VS = 5V
0.55
3.8
✻✻
V
Common-Mode Rejection
CMRR
VS = 5V, VCM = 0.55V to 3.8V
90
94
80
✻
dB
–40
°C to +85°CV
S = 5V, VCM = 0.55V to 3.8V
77
75
dB
Over Temperature
VS = 5V, VCM = 0.55V to 3.8V
72
70
dB
VS = 2.7V, VCM = 0.35V to 1.5V
94
✻
dB
Crosstalk, Dual
114
dB
INPUT BIAS CURRENT
VCM = VS /2
Bias Current
IB
±0.5
±10
✻✻
pA
Offset Current
IOS
±0.5
±10
✻✻
pA
NOISE, RTI
RS = 0Ω
Voltage Noise: f = 10Hz
eN
280
✻
nV/
√Hz
f = 100Hz
96
✻
nV/
√Hz
f = 1kHz
46
✻
nV/
√Hz
f = 0.1Hz to 10Hz
7
✻
µV
PP
Current Noise: f = 1kHz
iN
0.5
✻
fA/
√Hz
GAIN(1)
Gain Equation, Externally Set
G > 5
G = 5 + (5R2/R1)
✻
Range of Gain
5
1000
✻✻
V/V
Gain Error
G = 5
±0.02
±0.1
✻✻
%
vs Temperature
G = 5
±2
±10
✱✱
ppm/
°C
Nonlinearity
G = 25(2), VS = 5V, VO = 0.05 to 4.95
±0.001
±0.010
✻✻
% of FS
Over Temperature
±0.002
±0.015
✱✱
% of FS
OUTPUT
Output Voltage Swing from Rail(3)
RL = 10kΩ
50
25
✻✻
mV
Over Temperature
G > 10
50
✱
mV
Capacitance Load Drive
See Typical Characteristics
✻
pF
Short-Circuit Current
+48/–32
✻
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
BW
G = 25
2.0
✻
MHz
Slew Rate
SR
VS = 5V, G = 25
5
✻
V/
µs
Settling Time, 0.1%
tS G = 25, CL = 100pF, VO = 2V step
1.7
✻
µs
0.01%
2.5
✻
µs
Overload Recovery
50% Input Overload G = 25
2
✻
µs
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
✻✻
V
Operating Voltage Range
+2.5 to +5.5
✻
V
Quiescent Current per Channel
IQ
VSD > 2.5(3)
415
490
✻✻
µA
Over Temperature
600
✱
µA
Shutdown Quiescent Current/Chan
ISD
VSD < 0.8(3)
0.01
1
✻✻
µA
TEMPERATURE RANGE
Specified/Operating Range
–55
+125
✻✻
°C
Storage Range
–65
+150
✻✻
°C
Thermal Resistance
θ
JA
MSOP-8, TSSOP-14 Surface Mount
150
✻
°C/W
✻ Specifications same as INA331IDGK
NOTES: (1) Does not include errors from external gain setting resistors.
(2) Output voltage swings are measured between the output and power-supply rails. Output swings to rail only if G
≥ 10. Output does not swing to positive
rail if gain is less than 10.
(3) See typical characteristic
Percent Overshoot vs Load Capacitance.
(4) See typical characteristic
Shutdown Voltage vs Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com