Electronic Components Datasheet Search
  English  ▼

X  

INA2331 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA2331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2331 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA2331 Datasheet HTML 4Page - Texas Instruments INA2331 Datasheet HTML 5Page - Texas Instruments INA2331 Datasheet HTML 6Page - Texas Instruments INA2331 Datasheet HTML 7Page - Texas Instruments INA2331 Datasheet HTML 8Page - Texas Instruments INA2331 Datasheet HTML 9Page - Texas Instruments INA2331 Datasheet HTML 10Page - Texas Instruments INA2331 Datasheet HTML 11Page - Texas Instruments INA2331 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
INA331, INA2331
SBOS215C
8
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = 5V, VCM = VS /2, RL = 10kΩ, and CL = 100pF, unless otherwise noted.
SLEW RATE vs TEMPERATURE
Temperature (
°C)
–75
25
–50
–25
0
50
75
100
125
150
8
7
6
5
4
3
2
1
0
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
5
10
15
25
35
45
55
20
30
40
50
60
5
4
3
2
1
0
125
°C
25
°C
–55
°C
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–75
25
–50
–25
0
50
75
100
125
150
10000
1000
100
10
1
0.1
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
1
10k
10
100
1k
100k
1M
10M
120
100
80
60
40
20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com