Electronic Components Datasheet Search
  English  ▼

X  

INA2331 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA2331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2331 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA2331 Datasheet HTML 5Page - Texas Instruments INA2331 Datasheet HTML 6Page - Texas Instruments INA2331 Datasheet HTML 7Page - Texas Instruments INA2331 Datasheet HTML 8Page - Texas Instruments INA2331 Datasheet HTML 9Page - Texas Instruments INA2331 Datasheet HTML 10Page - Texas Instruments INA2331 Datasheet HTML 11Page - Texas Instruments INA2331 Datasheet HTML 12Page - Texas Instruments INA2331 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
INA331, INA2331
SBOS215C
9
www.ti.com
APPLICATIONS INFORMATION
The INA331 is a modified version of the classic “two op amp”
instrumentation amplifier, with an additional gain amplifier.
Figure 1 shows the basic connections for the operation of the
INA331 and INA2331. The power supply should be capaci-
tively decoupled with 0.1
µF capacitors as close to the INA331
as possible for noisy or high-impedance applications.
The output is referred to the reference terminal, which must
be at least 1.2V below the positive supply rail.
OPERATING VOLTAGE
The INA331 family is fully specified over a supply range of
+2.7V to +5.5V, with key parameters tested over the tempera-
ture range of –55
°C to +125°C. Parameters that vary signifi-
cantly with operating conditions, such as load conditions or
temperature, are shown in the Typical Characteristics.
The INA331 may be operated on a single supply. Figure 2
shows a bridge amplifier circuit operated from a single +5V
supply. The bridge provides a small differential voltage riding
on an input common-mode voltage.
FIGURE 2. Single-Supply Bridge Amplifier.
FIGURE 1. Basic Connections.
40k
Ω
10k
Ω
10k
Ω
40k
Ω
3
2
5
1
7
8
4
Also drawn in simplified form:
6
REF
0.1
µF
0.1
µF
RG
V
IN–
V
IN+
V–
V+
A1
A3
A2
V
O = ((VIN+) – (VIN –)) • G
Short V
OUT to RG
for G = 5
5
10
50
100
SHORT
100k
Ω
90k
Ω
190k
Ω
OPEN
100k
Ω
10k
Ω
10k
Ω
R
2
R
1
Shutdown
(For Single
Supply)
DESIRED GAIN
(V/V)
R
1
R
2
G = 5 + 5 (R
2 / R1 )
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF
Bridge
Sensor
+5V
NOTE: (1) REF should be adjusted for the desired output level,
keeping in mind that the value of REF affects the common-mode
input range. See Typical Characteristics.
INA331
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com