Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO1432
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1432 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 17Page - Texas Instruments ISO1432 Datasheet HTML 18Page - Texas Instruments ISO1432 Datasheet HTML 19Page - Texas Instruments ISO1432 Datasheet HTML 20Page - Texas Instruments ISO1432 Datasheet HTML 21Page - Texas Instruments ISO1432 Datasheet HTML 22Page - Texas Instruments ISO1432 Datasheet HTML 23Page - Texas Instruments ISO1432 Datasheet HTML 24Page - Texas Instruments ISO1432 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
8 Parameter Measurement Information
B or Z
D = 0 or
V
CC1
DE = V
CC1
V
CC2
GND2
V
OD
V
TEST
+
±
375
375
R
L
A or Y
Figure 8-1. Driver Voltages
0 V or
VCC1
VOC
VOD
GND2
A or Y
D
B or Z
RL
(1) / 2
RL
(1) / 2
VOC(PP)
VOC
A
B
ûVOC(SS)
VA
VB
A.
RL = 100 Ω for RS422, RL = 54 Ω for RS-485
Figure 8-2. Driver Voltages
0 V
10%
VOD (L)
VOD (H)
tf
tr
10%
VOD
0 V
90%
tPLH
tPHL
VI
90%
B or Z
Input
Generator
VI
D
GND1
CL
(1)
50 pF ± 20%
RL
54
± 1%
50
A or Y
VOD
DE = VCC1
VCC1
50%
A.
CL includes fixture and instrumentation capacitance.
Figure 8-3. Driver Switching Specifications
GND1
DE
VCC1
GND1
+
VOH or VOL
±
RE
R
GND1
Y
Z
+
VOH or VOL
±
+ VCM ±
D
VCC2
VCC1
A
B
1.5 V or 0 V
0 V or 1.5 V
GND2
54
54
10 µF
CL
15 pF
(1)
1 k
0.1 µF
0.1 µF
10 µF
A.
Includes probe and fixture capacitance.
Figure 8-4. Common Mode Transient Immunity (CMTI)—Full Duplex
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com