Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO1432
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1432 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 9Page - Texas Instruments ISO1432 Datasheet HTML 10Page - Texas Instruments ISO1432 Datasheet HTML 11Page - Texas Instruments ISO1432 Datasheet HTML 12Page - Texas Instruments ISO1432 Datasheet HTML 13Page - Texas Instruments ISO1432 Datasheet HTML 14Page - Texas Instruments ISO1432 Datasheet HTML 15Page - Texas Instruments ISO1432 Datasheet HTML 16Page - Texas Instruments ISO1432 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
7.13 Switching Characteristics: Driver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
500-kbps DEVICES
tr, tf
Differential output rise time and fall time
RL = 54 Ω, CL = 50 pF, see Figure 8-3
240
460
680
ns
tPHL, tPLH Propagation delay
RL = 54 Ω, CL = 50 pF, see Figure 8-3
310
570
ns
PWD
Pulse width distortion(1), |tPHL – tPLH|
RL = 54 Ω, CL = 50 pF, see Figure 8-3
4
50
ns
tPHZ, tPLZ Disable time
See Figure 8-6, and Figure 8-7
125
200
ns
tPZH, tPZL Enable time
See Figure 8-6, and Figure 8-7
160
600
ns
12-Mbps DEVICES
tr, tf
Differential output rise time and fall time
RL = 54 Ω, CL = 50 pF, VCC2= 4.5 V to 5.5
V, see Figure 8-3
10
25
ns
RL = 54 Ω, CL = 50 pF, VCC2= 3 V to 3.6
V, see Figure 8-3
27.8
ns
tPHL, tPLH Propagation delay
RL = 54 Ω, CL = 50 pF, see Figure 8-3
68
125
ns
PWD
Pulse width distortion(1), |tPHL – tPLH|
RL = 54 Ω, CL = 50 pF, see Figure 8-3
2
10
ns
tPHZ, tPLZ Disable time
See Figure 8-6, and Figure 8-7
75
125
ns
tPZH, tPZL Enable time
See Figure 8-6, and Figure 8-7
75
160
ns
50-Mbps DEVICES
tr, tf
Differential output rise time and fall time
RL = 54 Ω, CL = 50 pF, VCC2= 4.5 V to 5.5
V, see Figure 8-3
4.7
6
ns
RL = 54 Ω, CL = 50 pF, VCC2= 3 V to 3.6
V, see Figure 8-3
7.8
ns
tPHL, tPLH Propagation delay
RL = 54 Ω, CL = 50 pF, see Figure 8-3
19
41
ns
PWD
Pulse width distortion(1), |tPHL – tPLH|
RL = 54 Ω, CL = 50 pF, see Figure 8-3
1
6
ns
tPHZ, tPLZ Disable time
See Figure 8-6, and Figure 8-7
25
46
ns
tPZH, tPZL Enable time
See Figure 8-6, and Figure 8-7
32
78
ns
(1)
Also known as pulse skew.
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com