Electronic Components Datasheet Search
  English  ▼

X  

ISO1432 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO1432
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1432 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1432 Datasheet HTML 28Page - Texas Instruments ISO1432 Datasheet HTML 29Page - Texas Instruments ISO1432 Datasheet HTML 30Page - Texas Instruments ISO1432 Datasheet HTML 31Page - Texas Instruments ISO1432 Datasheet HTML 32Page - Texas Instruments ISO1432 Datasheet HTML 33Page - Texas Instruments ISO1432 Datasheet HTML 34Page - Texas Instruments ISO1432 Datasheet HTML 35Page - Texas Instruments ISO1432 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Figure 10-5. Eye Diagram at 50 Mbps Clock, VCC2 = 5 V, 25°C
10.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 10-6 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
voltage, VDE reinforced certification requires additional safety margin of 20% for working voltage and 87.5% for
lifetime which translates into minimum required insulation lifetime of 37.5 years at a working voltage that's 20%
higher than the specified value.
Figure 10-7 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over its lifetime.
Based on the TDDB data, the intrinsic capability of the insulation is 1060 VRMS with a lifetime of 220 years. Other
factors, such as package size, pollution degree, material group, etc. can further limit the working voltage of the
component. The working voltage of DW-16 is specified up to 1060 VRMS . At the lower working voltages, the
corresponding insulation lifetime is much longer than 220 years.
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 10-6. Test Setup for Insulation Lifetime Measurement
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com