Electronic Components Datasheet Search
  English  ▼

X  

ISO6760F Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO6760F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6760F Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO6760F Datasheet HTML 28Page - Texas Instruments ISO6760F Datasheet HTML 29Page - Texas Instruments ISO6760F Datasheet HTML 30Page - Texas Instruments ISO6760F Datasheet HTML 31Page - Texas Instruments ISO6760F Datasheet HTML 32Page - Texas Instruments ISO6760F Datasheet HTML 33Page - Texas Instruments ISO6760F Datasheet HTML 34Page - Texas Instruments ISO6760F Datasheet HTML 35Page - Texas Instruments ISO6760F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
9.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
1.71 V to 1.89 V and 2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO676x family of devices only require two external bypass capacitors to operate.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INC
INF
OUTC
OUTF
GND1
0.1 µF
GND2
INB
OUTB
INA
OUTA
OUTE
INE
OUTD
IND
VCC1
0.1 µF
VCC2
Figure 9-2. Typical ISO676x Circuit Hook-up
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com