Electronic Components Datasheet Search
  English  ▼

X  

ISO6760F Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO6760F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6760F Datasheet(HTML) 1 Page - Texas Instruments

  ISO6760F Datasheet HTML 1Page - Texas Instruments ISO6760F Datasheet HTML 2Page - Texas Instruments ISO6760F Datasheet HTML 3Page - Texas Instruments ISO6760F Datasheet HTML 4Page - Texas Instruments ISO6760F Datasheet HTML 5Page - Texas Instruments ISO6760F Datasheet HTML 6Page - Texas Instruments ISO6760F Datasheet HTML 7Page - Texas Instruments ISO6760F Datasheet HTML 8Page - Texas Instruments ISO6760F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
1 Features
• 50 Mbps data rate
• Robust isolation barrier:
– High lifetime at 1500 VRMS working voltage
– Up to 5000 VRMS isolation rating
– Up to 10 kV surge capability
– ±150 kV/μs typical CMTI
• Wide supply range: 1.71 V to 1.89 V and 2.25 V to
5.5 V
• 1.71 V to 5.5 V level translation
• Default output high (ISO676x) and low (ISO676xF)
options
• Wide temperature range: –40°C to 125°C
• 1.6 mA per channel typical at 1 Mbps
• Low propagation delay: 11 ns typical
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Wide-SOIC (DW-16) Package
• Safety-Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications
2 Applications
• Power supplies
• Grid, Electricity meter
• Motor drives
• Factory automation
• Building automation
• Lighting
• Appliances
OUTx
GNDO
GNDI
VCCO
VCCI
Series Isolation
Capacitors
Copyright © 2016, Texas Instruments Incorporated
INx
VCCI=Input supply, VCCO=Output supply
GNDI=Input ground, GNDO=Output ground
Simplified Schematic
3 Description
The ISO676x devices are high-performance, six-
channel digital isolators ideal for cost-sensitive
applications requiring up to 5000 VRMS isolation
ratings per UL 1577. These devices are also certified
by VDE, TUV, CSA, and CQC.
The ISO676x devices provide high electromagnetic
immunity
and
low
emissions
at
low
power
consumption, while isolating CMOS or LVCMOS
digital I/Os. Each isolation channel has a logic input
and output buffer separated by TI's double capacitive
silicon dioxide (SiO2) insulation barrier. The ISO676x
family of devices is available in all possible pin
configurations such that all six channels are in the
same direction, or one, two, or three channels are in
reverse direction while the remaining channels are in
forward direction. In the event of input power or signal
loss, the default output is high for devices without
suffix F and low for devices with suffix F. See Device
Functional Modes section for further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as UART, SPI, RS-485, RS-232, and
CAN from damaging sensitive circuitry. Through
innovative chip design and layout techniques, the
electromagnetic compatibility of the ISO676x devices
has been significantly enhanced to ease system-level
ESD, EFT, surge, and emissions compliance. The
ISO676x family of devices is available in a 16-pin
SOIC wide-body (DW) package and is a pin-to-pin
upgrade to the older generations.
Device Description
Part Number (1)
Package
Body Size
ISO6760, ISO6760F,
ISO6761, ISO6761F,
ISO6762, ISO6762F,
ISO6763, ISO6763F
SOIC (DW)
10.30 mm × 7.50
mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO6760F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO6760F TI-ISO6760F Datasheet
3Mb / 47P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
REVISED NOVEMBER 2021
ISO6760F TI-ISO6760F Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760FDWR TI-ISO6760FDWR Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760FQ1 TI-ISO6760FQ1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760FQDWRQ1 TI-ISO6760FQDWRQ1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results

Similar Description - ISO6760F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
2Mb / 43P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO6740 TI-ISO6740 Datasheet
3Mb / 44P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6731 TI-ISO6731_V01 Datasheet
2Mb / 40P
ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
ISO6760 TI-ISO6760 Datasheet
3Mb / 47P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
REVISED NOVEMBER 2021
ISO6763-Q1 TI-ISO6763-Q1 Datasheet
1Mb / 37P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
SLLSFK2 ??AUGUST 2021
ISO6760-Q1 TI-ISO6760-Q1 Datasheet
3Mb / 51P
ISO676x-Q1 General-Purpose Six-Channel Automotive Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
ISO6760 TI-ISO6760_V01 Datasheet
3Mb / 51P
ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com