Electronic Components Datasheet Search
  English  ▼

X  

ISO6760F Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO6760F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6760F Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO6760F Datasheet HTML 2Page - Texas Instruments ISO6760F Datasheet HTML 3Page - Texas Instruments ISO6760F Datasheet HTML 4Page - Texas Instruments ISO6760F Datasheet HTML 5Page - Texas Instruments ISO6760F Datasheet HTML 6Page - Texas Instruments ISO6760F Datasheet HTML 7Page - Texas Instruments ISO6760F Datasheet HTML 8Page - Texas Instruments ISO6760F Datasheet HTML 9Page - Texas Instruments ISO6760F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
See(1)
MIN
MAX
UNIT
Supply Voltage (2)
VCC1 to GND1
-0.5
6
V
VCC2 to GND2
-0.5
6
Input/Output
Voltage
INx to GNDx
-0.5
VCCX + 0.5 (3)
V
OUTx to GNDx
-0.5
VCCX + 0.5 (3)
Output Current
Io
-15
15
mA
Temperature
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
(1) (2)
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com