Electronic Components Datasheet Search
  English  ▼

X  

ISO7740DWR Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7740DWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740DWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7740DWR Datasheet HTML 17Page - Texas Instruments ISO7740DWR Datasheet HTML 18Page - Texas Instruments ISO7740DWR Datasheet HTML 19Page - Texas Instruments ISO7740DWR Datasheet HTML 20Page - Texas Instruments ISO7740DWR Datasheet HTML 21Page - Texas Instruments ISO7740DWR Datasheet HTML 22Page - Texas Instruments ISO7740DWR Datasheet HTML 23Page - Texas Instruments ISO7740DWR Datasheet HTML 24Page - Texas Instruments ISO7740DWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
5.17 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6-1
7.5
12
21
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.2
5.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4.4
ns
tsk(pp)
Part-to-part skew time(3)
5.3
ns
tr
Output signal rise time
See Figure 6-1
1
3.5
ns
tf
Output signal fall time
1
3.5
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 6-2
22
41
ns
tPLZ
Disable propagation delay, low-to-high impedance output
22
40
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO774x
18
40
ns
Enable propagation delay, high impedance-to-high output for
ISO774x with F suffix
3.3
8.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for
ISO774x
3.3
8.5
μs
Enable propagation delay, high impedance-to-low output for
ISO774x with F suffix
18
40
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7V. See Figure 6-4
0.1
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
0.7
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com