Electronic Components Datasheet Search
  English  ▼

X  

ISO7740DWR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7740DWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740DWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7740DWR Datasheet HTML 9Page - Texas Instruments ISO7740DWR Datasheet HTML 10Page - Texas Instruments ISO7740DWR Datasheet HTML 11Page - Texas Instruments ISO7740DWR Datasheet HTML 12Page - Texas Instruments ISO7740DWR Datasheet HTML 13Page - Texas Instruments ISO7740DWR Datasheet HTML 14Page - Texas Instruments ISO7740DWR Datasheet HTML 15Page - Texas Instruments ISO7740DWR Datasheet HTML 16Page - Texas Instruments ISO7740DWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
5.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -4 mA; See Figure 6-1
VCCO - 0.4 (1)
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; See Figure 6-1
0.2
0.4
V
VIT+(IN)
Rising input switching threshold
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCCI
0.2 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
IIH
High-level input current
VIH = VCCI (1) at ENx
20
μA
IIL
Low-level input current
VIL = 0 V at ENx
-20
μA
CMTI
Common mode transient immunity
VI = VCCI or 0 V, VCM = 1200 V;
See Figure 6-4
85
100
kV/μs
CI
Input Capacitance (2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1
MHz, VCC = 5 V
2
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com