Electronic Components Datasheet Search
  English  ▼

X  

ISO7740DWR Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7740DWR
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740DWR Datasheet(HTML) 4 Page - Texas Instruments

  ISO7740DWR Datasheet HTML 1Page - Texas Instruments ISO7740DWR Datasheet HTML 2Page - Texas Instruments ISO7740DWR Datasheet HTML 3Page - Texas Instruments ISO7740DWR Datasheet HTML 4Page - Texas Instruments ISO7740DWR Datasheet HTML 5Page - Texas Instruments ISO7740DWR Datasheet HTML 6Page - Texas Instruments ISO7740DWR Datasheet HTML 7Page - Texas Instruments ISO7740DWR Datasheet HTML 8Page - Texas Instruments ISO7740DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4 Pin Configuration and Functions
GND1
GND2
9
8
NC
EN2
10
7
IND
OUTD
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-1. ISO7740 DW and DBQ Packages 16-Pin SOIC-WB and QSOP Top View
GND1
GND2
9
8
EN1
EN2
10
7
OUTD
IND
11
6
INC
OUTC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-2. ISO7741 DW and DBQ Packages 16-Pin SOIC-WB and QSOP Top View
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com