Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCCDBQ Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 12Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 13Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 14Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 17Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 18Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 19Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The isolator in Figure 14 is based on a capacitive isolation barrier technique. The I/O channel of the device
consists of two internal data channels, a high-frequency channel (HF) with a bandwidth from 100 kbps up to
150 Mbps, and a low-frequency channel (LF) covering the range from 100 kbps down to DC. In principle, a
single-ended input signal entering the HF-channel is split into a differential signal through the inverter gate at the
input. The following capacitor-resistor networks differentiate the signal into transients, which then are converted
into differential pulses by two comparators. The comparator outputs drive a NOR-gate flip-flop whose output
feeds an output multiplexer. A decision logic (DCL) at the driving output of the flip-flop measures the durations
between signal transients. If the duration between two consecutive transients exceeds a certain time limit, (as in
the case of a low-frequency signal), the DCL forces the output-multiplexer to switch from the high- to the low-
frequency channel.
Because low-frequency input signals require the internal capacitors to assume prohibitively large values, these
signals are pulse-width modulated (PWM) with the carrier frequency of an internal oscillator, thus creating a
sufficiently high frequency signal, capable of passing the capacitive barrier. As the input is modulated, a low-pass
filter (LPF) is needed to remove the high-frequency carrier from the actual data before passing it on to the output
multiplexer.
8.2 Functional Block Diagram
Figure 14. Conceptual Block Diagram of a Digital Capacitive Isolator
16
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com