Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCCDBQ Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 13Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 14Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 15Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 16Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 17Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 18Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 19Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 20Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC, ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83F – APRIL 2013 – REVISED JANUARY 2015
8.3 Feature Description
Table 1. Product Features
MAX DATA RATE
RATED
INPUT
DEFAULT
CHANNEL
PRODUCT
and
ISOLATION
THRESHOLD
OUTPUT
DIRECTION
INPUT FILTER
2 forward,
ISO7131CC
1 reverse
High
ISO7140CC
4 forward,
1.5-V TTL
50 Mbps,
4242 VPK
(1)
0 reverse
ISO7140FCC
(CMOS compatible)
Low
with noise filter integrated
ISO7141CC
High
3 forward,
1 reverse
ISO7141FCC
Low
(1)
See Regulatory Information for detailed Isolation Ratings.
8.3.1 Insulation and Safety-Related Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum transient overvoltage per
VIOTM
DIN V VDE V 0884-10 (VDE V
4242
VPK
0884-10):2006-12
Maximum working voltage per DIN
VIORM
V VDE V 0884-10 (VDE V 0884-
566
VPK
10):2006-12
Isolation Voltage per UL 1577
VTEST = VISO, t = 60 sec (qualification)
2500
VISO
VRMS
VTEST = 1.2 * VISO, t = 1 sec (100% production)
3000
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
679
Partial discharge < 5 pC
Input-to-output test voltage per DIN
Method a, After environmental tests subgroup 1,
VPR
V VDE V 0884-10 (VDE V 0884-
VPR = VIORM x 1.6, t = 10 s,
906
VPK
10):2006-12
Partial discharge < 5 pC
Method b1, 100% production test,
VPR = VIORM x 1.875, t = 1 s,
1061
Partial discharge < 5 pC
L(I01)
Minimum air gap (clearance)
Shortest terminal to terminal distance through air
3.7
mm
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)
3.7
mm
(creepage)
package surface
Minimum internal gap (internal
Distance through the insulation
0.014
mm
clearance)
Pollution degree
2
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥400
V
tracking index)
VIO = 500 V, TA = 25
oC
>1012
RIO
(1)
Isolation Resistance, Input to Output
Ω
VIO = 500 V, 100
oC ≤ T
A ≤ TA max
>1011
CIO
(1)
Barrier capacitance, input to output
VI = 0.4 sin (2πft), f = 1 MHz
2.3
pF
CI
(2)
Input capacitance
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
2.8
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com