Electronic Components Datasheet Search
  English  ▼

X  

ISO7140FCCDBQ Datasheet(PDF) 34 Page - Texas Instruments

Part # ISO7140FCCDBQ
Description  ISO71xxCC 4242-VPK Small-Footprint Low-Power Triple and Quad Channels Digital Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7140FCCDBQ Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO7140FCCDBQ Datasheet HTML 28Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 29Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 30Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 31Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 32Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 33Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 34Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 35Page - Texas Instruments ISO7140FCCDBQ Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.002 MAX
[0.05]
ALL AROUND
.002 MIN
[0.05]
ALL AROUND
(.213)
[5.4]
14X (.0250 )
[0.635]
16X (.063)
[1.6]
16X (.016 )
[0.41]
SSOP - 1.75 mm max height
DBQ0016A
SHRINK SMALL-OUTLINE PACKAGE
4214846/A 03/2014
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
OPENING
SOLDER MASK
METAL
SOLDER MASK
DEFINED
LAND PATTERN EXAMPLE
SCALE:8X
SYMM
1
8
9
16
SEE
DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com