Electronic Components Datasheet Search
  English  ▼

X  

DRV593 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV593
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593 Datasheet(HTML) 2 Page - Texas Instruments

  DRV593 Datasheet HTML 1Page - Texas Instruments DRV593 Datasheet HTML 2Page - Texas Instruments DRV593 Datasheet HTML 3Page - Texas Instruments DRV593 Datasheet HTML 4Page - Texas Instruments DRV593 Datasheet HTML 5Page - Texas Instruments DRV593 Datasheet HTML 6Page - Texas Instruments DRV593 Datasheet HTML 7Page - Texas Instruments DRV593 Datasheet HTML 8Page - Texas Instruments DRV593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
PowerPAD QUAD FLATPACK
TA
(VFP)
DRV593VFP(2)
–40°C to 85°C
DRV594VFP(2)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com
(2)
This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., DRV593VFPR or DRV594VFPR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
DRV593, DRV594
AVDD, PVDD
Supply voltage
–0.3 V to 5.5 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
IO (FAULT0, FAULT1)
Output current
1 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 165°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
AVDD, PVDD
Supply voltage
2.8
5.5
V
VIH
High-level input voltage
FREQ, INT/EXT, SHUTDOWN, COSC
2
V
VIL
Low-level input voltage
FREQ, INT/EXT, SHUTDOWN, COSC
0.8
V
TA
Operating free-air temperature
–40
85
°C
PACKAGE DISSIPATION RATINGS
qJA (1)
qJC
TA=25°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING
VFP
29.4
1.2
4.1 W
(1)
This data was taken using 2 oz trace and copper pad that is soldered directly to a JEDEC standard
4-layer 3 in × 3 in PCB.
2
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com