Electronic Components Datasheet Search
  English  ▼

X  

DRV593 Datasheet(PDF) 12 Page - Texas Instruments

Part # DRV593
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV593 Datasheet HTML 8Page - Texas Instruments DRV593 Datasheet HTML 9Page - Texas Instruments DRV593 Datasheet HTML 10Page - Texas Instruments DRV593 Datasheet HTML 11Page - Texas Instruments DRV593 Datasheet HTML 12Page - Texas Instruments DRV593 Datasheet HTML 13Page - Texas Instruments DRV593 Datasheet HTML 14Page - Texas Instruments DRV593 Datasheet HTML 15Page - Texas Instruments DRV593 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
V
Load +
–(1–D)
V
DD
H/C
PWM
Load
Voltage
−VDD
VDD
VDD
−VDD/2
0
0
0
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
HEATING MODE
Figure 19 shows the DRV593 and DRV594 in heating mode. The H/C output is at VDD and the PWM output is
proportional to the voltage across the load.
The differential voltage across the load is determined using Equation 3. The variables are the same as used
previously for Equation 1 and Equation 2.
(3)
For example, a 50% duty cycle, shown in Figure 19, results in –2.5 V across the load for VDD = 5 V. The
differential voltage across the load is defined as the voltage measured after the filter on the PWM output relative
to the H/C output.
Figure 19. Heating Mode
HEAT/COOL TRANSITION
As the device transitions from cooling to heating, the duty cycle of the PWM outputs decrease to a small value
and the H/C outputs remains at ground. When the device transitions to heating mode, the H/C outputs change
from zero volts to VDD and the PWM outputs change to a high duty cycle. The direction of the current flow is
reversed, but a low voltage is maintained across the load. The duty cycle decreases as the part is put further into
heating mode to drive more current through the load. Figure 20 illustrates the transition from cooling to heating.
ZERO-CROSSING REGION
When the differential output voltage is near zero, the control logic in the DRV593 and DRV594 causes the
outputs to change between heating and cooling modes. There are two possible states for the PWM and H/C
outputs to obtain zero volts differentially: both outputs can be at VDD or both outputs can be at ground.
Therefore, random noise causes the outputs to change between the two states when the two input voltages are
equal. The outputs switch from zero to VDD, although not at a fixed frequency rate. Some of the pulses may be
wider than others, but the two outputs (PWM and H/C) track each other to provide zero differential voltage.
These uneven pulse widths can increase the switching noise during the zero-crossing condition.
12
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com