Electronic Components Datasheet Search
  English  ▼

X  

DRV593 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV593
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593 Datasheet(HTML) 4 Page - Texas Instruments

  DRV593 Datasheet HTML 1Page - Texas Instruments DRV593 Datasheet HTML 2Page - Texas Instruments DRV593 Datasheet HTML 3Page - Texas Instruments DRV593 Datasheet HTML 4Page - Texas Instruments DRV593 Datasheet HTML 5Page - Texas Instruments DRV593 Datasheet HTML 6Page - Texas Instruments DRV593 Datasheet HTML 7Page - Texas Instruments DRV593 Datasheet HTML 8Page - Texas Instruments DRV593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
VFP PACKAGE
(TOP VIEW)
31 30 29 28 27
9 10
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
PWM
PGND
PGND
PGND
PGND
PGND
PGND
H/C
AVDD
AGND
ROSC
COSC
AREF
IN+
IN−
SHUTDOWN
32
26
11 12 13 14 15 16
25
PowerPAD
™
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
PIN ASSIGNMENTS
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
2
Analog ground
AREF
5
O
Connect 1 mF capacitor to ground for AREF voltage filtering
AVDD
1
I
Analog power supply
COSC
4
I
Connect capacitor to ground to set oscillation frequency (220 pF for 500 kHz, 1 nF for 100 kHz) when
the internal oscillator is selected; connect clock signal when an external oscillator is used
FAULT0
10
O
Fault flag 0, low when active open drain output (see application information)
FAULT1
9
O
Fault flag 1, high when active open drain output (see application information)
FREQ
32
I
Selects 500 kHz switching frequency when a TTL logic low is applied to this terminal; selects 100 kHz
switching frequency when a TTL logic high is applied
IN–
7
I
Negative differential input
IN+
6
I
Positive differential input
INT/EXT
31
I
Selects the internal oscillator when a TTL logic high is applied to this terminal; selects the use of an
external oscillator when a TTL logic low is applied to this terminal
H/C
14, 15,
O
Direction control output for heat and cool modes (4 pins)
16, 17
PWM
24, 25,
O
PWM output for voltage magnitude (4 pins)
26, 27
PGND
18, 19,
High-current ground (6 pins)
20, 21,
22, 23
PVDD
11, 12,
I
High-current power supply (6 pins)
13, 28,
29, 30
ROSC
3
I
Connect 120-k
Ω resistor to AGND to set oscillation frequency (either 500 kHz or 100 kHz). Not needed
if an external clock is used.
SHUTDOWN
8
I
Places the amplifier in shutdown mode when a TTL logic low is applied to this terminal; places the
amplifier in normal operation when a TTL logic high is applied
4
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com