Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 18 Page - Texas Instruments

Part # INA117AM
Description  INA117 High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA117AM Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 14Page - Texas Instruments INA117AM Datasheet HTML 15Page - Texas Instruments INA117AM Datasheet HTML 16Page - Texas Instruments INA117AM Datasheet HTML 17Page - Texas Instruments INA117AM Datasheet HTML 18Page - Texas Instruments INA117AM Datasheet HTML 19Page - Texas Instruments INA117AM Datasheet HTML 20Page - Texas Instruments INA117AM Datasheet HTML 21Page - Texas Instruments INA117AM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2000) to Revision B (April 2024)
Page
• Updated the formatting for tables, figures, and cross-references throughout the document..............................1
• Deleted information about the INA117AM and INA117SM variants throughout this document..........................1
• Changed pin 8 from "Comp" to "NC" in the Description and Pin Configuration and Functions sections............1
• Added Package Information table to the Description section............................................................................. 1
• Added Pin Functions table..................................................................................................................................2
• Added ESD Ratings table...................................................................................................................................3
• Added single supply specification to Recommended Operating Conditions ..................................................... 3
• Added specified temperature range to Recommended Operating Conditions .................................................. 3
• Added VREF = 0V, VCM = VS/2, and G = 1 to "unless otherwise noted" conditions in Electrical
Characteristics and Typical Characteristics for clarity........................................................................................ 4
• Changed parameter from "Offset voltage vs Temperature" to "Offset voltage drift" in Electrical Characteristics
............................................................................................................................................................................4
• Added test condition of "TA = –40°C to +85°C" for "Offset voltage drift" in Electrical Characteristics ...............4
• Changed parameter from "Offset Voltage vs Power Supply" to "Power-supply rejection ratio" in Electrical
Characteristics ...................................................................................................................................................4
• Added test condition of "TA = –40°C to +85°C" for "CMRR" in Electrical Characteristics ................................. 4
• Changed "Common-mode input impedance" typical value from 400kΩ to 200kΩ in Electrical Characteristics 4
• Added test condition "TA = –40°C to +85°C" for "Gain error vs temperature" in Electrical Characteristics and
renamed to "Gain error drift" for clarity............................................................................................................... 4
• Changed "Gain nonlinearity" typical value from 0.0002% to 0.0005% in Electrical Characteristics ..................4
• Added test condition "Continuous to VS/2" to Short-circuit current specification in Electrical Characteristics
for clarity............................................................................................................................................................. 4
• Change minimum Slew rate from 2V/µs to 1.7V/µs in Electrical Characteristics .............................................. 4
• Deleted redundant voltage range, operating temperature range, and specification temperature range
specifications from Electrical Characteristics .................................................................................................... 4
• Deleted Reducing Differential Gain application circuit figure ...........................................................................11
• Added Documentation Support and Related Documentation sections.............................................................17
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
INA117
SBOS154B – SEPTEMBER 2000 – REVISED APRIL 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com