Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 11 Page - Texas Instruments

Part # INA117AM
Description  INA117 High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA117AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments INA117AM Datasheet HTML 12Page - Texas Instruments INA117AM Datasheet HTML 13Page - Texas Instruments INA117AM Datasheet HTML 14Page - Texas Instruments INA117AM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
can operate as a unity gain buffer or as an amplifier with non-inverting gain. Gain added ahead of the INA117
improves both CMR and signal-to-noise. Added gain also allows a lower voltage drop across the sense resistor.
The OPA1013 is a good choice for the buffer amplifier since both the input and output can swing close to the
negative power supply.
Figure 7-7. Current Sensing With Input Buffer
Figure 7-8 shows very high input impedance buffer used to measure low leakage currents. Here, the buffer
operational amplifier is powered with an isolated, split-voltage power supply. Using an isolated power supply
allows full ±200V common-mode input range.
7.1.4 Noise Performance
The noise performance of the INA117 is dominated by the internal resistor network. The thermal or Johnson
noise of these resistors produces approximately 550nV/√Hz noise. The internal op amp contributes virtually no
excess noise at frequencies above 100Hz.
Many applications can be satisfied with less than the full 200kHz bandwidth of the INA117. In these cases,
the noise can be reduced with a low-pass filter on the output. The two- pole filter shown in Figure 7-9 limits
bandwidth to 1kHz and reduces noise by more than 15:1. Since the INA117 has a 1/f noise corner frequency of
approximately 100Hz, a cutoff frequency below 100Hz does not further reduce noise.
www.ti.com
INA117
SBOS154B – SEPTEMBER 2000 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com