Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 19 Page - Texas Instruments

Part # INA117AM
Description  INA117 High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA117AM Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 15Page - Texas Instruments INA117AM Datasheet HTML 16Page - Texas Instruments INA117AM Datasheet HTML 17Page - Texas Instruments INA117AM Datasheet HTML 18Page - Texas Instruments INA117AM Datasheet HTML 19Page - Texas Instruments INA117AM Datasheet HTML 20Page - Texas Instruments INA117AM Datasheet HTML 21Page - Texas Instruments INA117AM Datasheet HTML 22Page - Texas Instruments INA117AM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA117AM
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA117AM
INA117AM.A
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 85
INA117AM
INA117BM
Active
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA117BM
INA117BM.A
Active
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 85
INA117BM
INA117KU
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA
117KU
INA117KU.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA
117KU
INA117KU/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-
INA
117KU
INA117KU/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
INA
117KU
INA117P
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI | Nipdau
N/A for Pkg Type
-
INA117P
INA117P.B
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
INA117P
INA117SM
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
AU
N/A for Pkg Type
-
INA117SM
INA117SM.A
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
AU
N/A for Pkg Type
-40 to 85
INA117SM
INA117SMQ
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
AU
N/A for Pkg Type
-
INA117SMQ
INA117SMQ.A
NRND
Production
TO-99 (LMC) | 8
20 | TUBE
Yes
AU
N/A for Pkg Type
-40 to 85
INA117SMQ
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com