Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA186 Datasheet HTML 26Page - Texas Instruments INA186 Datasheet HTML 27Page - Texas Instruments INA186 Datasheet HTML 28Page - Texas Instruments INA186 Datasheet HTML 29Page - Texas Instruments INA186 Datasheet HTML 30Page - Texas Instruments INA186 Datasheet HTML 31Page - Texas Instruments INA186 Datasheet HTML 32Page - Texas Instruments INA186 Datasheet HTML 33Page - Texas Instruments INA186 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (
0.225)
(0.4) TYP
(0.4) TYP
(
0.225)
METAL
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
0.225)
SOLDER MASK
OPENING
0.05 MIN
4224626/B 02/2019
DSBGA - 0.4 mm max height
YFD0006-C02
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
Refer to Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:50X
1
2
A
B
NON-SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL
SOLDER MASK
DEFINED
EXPOSED
METAL
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com