Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA186 Datasheet HTML 4Page - Texas Instruments INA186 Datasheet HTML 5Page - Texas Instruments INA186 Datasheet HTML 6Page - Texas Instruments INA186 Datasheet HTML 7Page - Texas Instruments INA186 Datasheet HTML 8Page - Texas Instruments INA186 Datasheet HTML 9Page - Texas Instruments INA186 Datasheet HTML 10Page - Texas Instruments INA186 Datasheet HTML 11Page - Texas Instruments INA186 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VSENSE = VIN+ – VIN-, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options
(unless otherwise noted)
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
D030
A3 devices
Figure 6-11. Input-Referred Voltage Noise vs. Frequency
Time (1 s/div)
D031
A3 devices
Figure 6-12. 0.1-Hz to 10-Hz Voltage Noise (Referred-To-Input)
Time (20 Ps/div)
D032
VS = 5.0 V, A3 devices
Figure 6-13. Step Response (10-mVPP Input Step)
Time (250 Ps/div)
D033
VCM
VOUT
A3 devices
Figure 6-14. Common-Mode Voltage Transient Response
Time (250 Ps/div)
0 V
D034
Inverting Input
Output
A3 devices
Figure 6-15. Inverting Differential Input Overload
Time (250 Ps/div)
0 V
D035
Non-inverting Input
Output
VS = 5.0 V, A3 devices
Figure 6-16. Noninverting Differential Input Overload
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com