Electronic Components Datasheet Search
  English  ▼

X  

INA193 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 2 Page - Texas Instruments

  INA193_V01 Datasheet HTML 1Page - Texas Instruments INA193_V01 Datasheet HTML 2Page - Texas Instruments INA193_V01 Datasheet HTML 3Page - Texas Instruments INA193_V01 Datasheet HTML 4Page - Texas Instruments INA193_V01 Datasheet HTML 5Page - Texas Instruments INA193_V01 Datasheet HTML 6Page - Texas Instruments INA193_V01 Datasheet HTML 7Page - Texas Instruments INA193_V01 Datasheet HTML 8Page - Texas Instruments INA193_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application .................................................. 22
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Related Links ........................................................ 25
12.2
Trademarks ........................................................... 25
12.3
Electrostatic Discharge Caution ............................ 25
12.4
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (February 2010) to Revision G
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 4
Changes from Revision E (August 2006) to Revision F
Page
•
Updated document format to current standards..................................................................................................................... 1
•
Added test conditions to Output, Total Output Error parameter in Electrical Characteristics: VS = +12V.............................. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com