Electronic Components Datasheet Search
  English  ▼

X  

INA193 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 4 Page - Texas Instruments

  INA193_V01 Datasheet HTML 1Page - Texas Instruments INA193_V01 Datasheet HTML 2Page - Texas Instruments INA193_V01 Datasheet HTML 3Page - Texas Instruments INA193_V01 Datasheet HTML 4Page - Texas Instruments INA193_V01 Datasheet HTML 5Page - Texas Instruments INA193_V01 Datasheet HTML 6Page - Texas Instruments INA193_V01 Datasheet HTML 7Page - Texas Instruments INA193_V01 Datasheet HTML 8Page - Texas Instruments INA193_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5mA.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
18
V
Analog Inputs, VIN+, VIN−
–18
18
V
Differential (VIN+) – (VIN−)
–18
18
V
Common-Mode(2)
–16
80
V
Analog Output, Out(2)
GND – 0.3
(V+) + 0.3
V
Input Current Into Any Pin(2)
5
mA
Operating Temperature
–55
150
°C
Junction Temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
V+
Operating supply voltage
12
V
TA
Operating free-air temperature
-40
125
ºC
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
INA19x
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
144.7
RθJB
Junction-to-board thermal resistance
49.7
ψJT
Junction-to-top characterization parameter
26.1
ψJB
Junction-to-board characterization parameter
49.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com