Electronic Components Datasheet Search
  English  ▼

X  

INA193 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA193
Description  INA19x Current Shunt Monitor −16 V to 80 V Common-Mode Range
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA193 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA193_V01 Datasheet HTML 20Page - Texas Instruments INA193_V01 Datasheet HTML 21Page - Texas Instruments INA193_V01 Datasheet HTML 22Page - Texas Instruments INA193_V01 Datasheet HTML 23Page - Texas Instruments INA193_V01 Datasheet HTML 24Page - Texas Instruments INA193_V01 Datasheet HTML 25Page - Texas Instruments INA193_V01 Datasheet HTML 26Page - Texas Instruments INA193_V01 Datasheet HTML 27Page - Texas Instruments INA193_V01 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Supply Bypass
Capacitor
Via to Power or Ground Plane
Via to Internal Layer
Supply Voltage
OUT
GND
IN+
IN-
V+
Shunt Resistor
Output Signal
24
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
11.2 Layout Example
Figure 31. Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com