Electronic Components Datasheet Search
  English  ▼

X  

LF347 Datasheet(PDF) 2 Page - Texas Instruments

Part # LF347
Description  LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF347 Datasheet(HTML) 2 Page - Texas Instruments

  LF347 Datasheet HTML 1Page - Texas Instruments LF347 Datasheet HTML 2Page - Texas Instruments LF347 Datasheet HTML 3Page - Texas Instruments LF347 Datasheet HTML 4Page - Texas Instruments LF347 Datasheet HTML 5Page - Texas Instruments LF347 Datasheet HTML 6Page - Texas Instruments LF347 Datasheet HTML 7Page - Texas Instruments LF347 Datasheet HTML 8Page - Texas Instruments LF347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LF147, LF347-N
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2)
LF147
LF347B/LF347
Supply Voltage
±22V
±18V
Differential Input Voltage
±38V
±30V
Input Voltage Range
(3)
±19V
±15V
Output Short Circuit Duration (4)
Continuous
Continuous
Power Dissipation
(5) (6)
900 mW
1000 mW
Tj max
150°C
150°C
θjA
CDIP (J) Package
70°C/W
PDIP (NFF) Package
75°C/W
SOIC Narrow (D)
100°C/W
SOIC Wide (D)
85°C/W
Operating Temperature Range
See (7)
See (7)
Storage Temperature Range
−65°C≤TA≤150°C
Lead Temperature (Soldering, 10 sec.)
260°C
260°C
Soldering Information
PDIP / CDIP
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Tolerance (8)
900V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(4)
Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
(5)
For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
(6)
Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the
part to operate outside ensured limits.
(7)
The LF147 is available in the military temperature range
−55°C≤TA≤125°C, while the LF347B and the LF347 are available in the
commercial temperature range 0°C
≤TA≤70°C. Junction temperature can rise to Tj max = 150°C.
(8)
Human body model, 1.5 k
Ω in series with 100 pF.
DC Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
RS=10 kΩ, TA=25°C
1
5
3
5
5
10
mV
Over Temperature
8
7
13
mV
ΔVOS/Δ Average TC of Input
RS=10 kΩ
10
10
10
μV/°C
T
Offset Voltage
IOS
Input Offset Current
Tj=25°C,
(2) (3)
25
100
25
100
25
100
pA
Over Temperature
25
4
4
nA
IB
Input Bias Current
Tj=25°C,
(2) (3)
50
200
50
200
50
200
pA
Over Temperature
50
8
8
nA
RIN
Input Resistance
Tj=25°C
1012
1012
1012
Ω
(1)
Refer to RETS147X for LF147D and LF147J military specifications.
(2)
Unless otherwise specified the specifications apply over the full temperature range and for VS=±20V for the LF147 and for VS=±15V for
the LF347B/LF347. VOS, IB, and IOS are measured at VCM=0.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj=TA+θjA PD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LF147 LF347-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com