Electronic Components Datasheet Search
  English  ▼

X  

LF347 Datasheet(PDF) 3 Page - Texas Instruments

Part # LF347
Description  LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF347 Datasheet(HTML) 3 Page - Texas Instruments

  LF347 Datasheet HTML 1Page - Texas Instruments LF347 Datasheet HTML 2Page - Texas Instruments LF347 Datasheet HTML 3Page - Texas Instruments LF347 Datasheet HTML 4Page - Texas Instruments LF347 Datasheet HTML 5Page - Texas Instruments LF347 Datasheet HTML 6Page - Texas Instruments LF347 Datasheet HTML 7Page - Texas Instruments LF347 Datasheet HTML 8Page - Texas Instruments LF347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LF147, LF347-N
www.ti.com
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
DC Electrical Characteristics
(1)(2) (continued)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
AVOL
Large Signal Voltage Gain VS=±15V, TA=25°C
50
100
50
100
25
100
V/mV
VO=±10V, RL=2 kΩ
Over Temperature
25
25
15
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10 kΩ
±12
±13.
±12
±13.
±12
±13.
V
5
5
5
VCM
Input Common-Mode
±11
+15
±11
+15
±11
+15
V
VS=±15V
Voltage Range
−12
−12
−12
V
CMRR
Common-Mode Rejection
RS≤10 kΩ
80
100
80
100
70
100
dB
Ratio
PSRR
Supply Voltage Rejection
See (4)
80
100
80
100
70
100
dB
Ratio
IS
Supply Current
7.2
11
7.2
11
7.2
11
mA
(4)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice from VS = ± 5V to ±15V for the LF347 and LF347B and from VS = ±20V to ±5V for the LF147.
AC Electrical Characteristics
(1) (2)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Amplifier to Amplifier
TA=25°C,
−120
−120
−120
dB
Coupling
f=1 Hz
−20 kHz
(Input Referred)
SR
Slew Rate
VS=±15V, TA=25°C
8
13
8
13
8
13
V/
μs
GBW
Gain-Bandwidth Product
VS=±15V, TA=25°C
2.2
4
2.2
4
2.2
4
MHz
en
Equivalent Input Noise
TA=25°C, RS=100Ω,
20
20
20
nV /
√Hz
Voltage
f=1000 Hz
in
Equivalent Input Noise
Tj=25°C, f=1000 Hz
0.01
0.01
0.01
pA /
√Hz
Current
THD
Total Harmonic Distortion
AV=+10, RL=10k,
<0.0
<0.0
<0.0
%
2
2
2
VO=20 Vp-p,
BW=20 Hz
−20 kHz
(1)
Unless otherwise specified the specifications apply over the full temperature range and for VS=±20V for the LF147 and for VS=±15V for
the LF347B/LF347. VOS, IB, and IOS are measured at VCM=0.
(2)
Refer to RETS147X for LF147D and LF147J military specifications.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF147 LF347-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com