Electronic Components Datasheet Search
  English  ▼

X  

LF347 Datasheet(PDF) 11 Page - Texas Instruments

Part # LF347
Description  LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF347 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LF347 Datasheet HTML 7Page - Texas Instruments LF347 Datasheet HTML 8Page - Texas Instruments LF347 Datasheet HTML 9Page - Texas Instruments LF347 Datasheet HTML 10Page - Texas Instruments LF347 Datasheet HTML 11Page - Texas Instruments LF347 Datasheet HTML 12Page - Texas Instruments LF347 Datasheet HTML 13Page - Texas Instruments LF347 Datasheet HTML 14Page - Texas Instruments LF347 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LF147, LF347-N
www.ti.com
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
Typical Applications
Figure 23. Digitally Selectable Precision Attenuator
All resistors 1% tolerance
•
Accuracy of better than 0.4% with standard 1% value resistors
No offset adjustment necessary
•
Expandable to any number of stages
•
Very high input impedance
A1
A2
A3
VO
Attenuation
0
0
0
0
0
0
1
−1 dB
0
1
0
−2 dB
0
1
1
−3 dB
1
0
0
−4 dB
1
0
1
−5 dB
1
1
0
−6 dB
1
1
1
−7 dB
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LF147 LF347-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com