Electronic Components Datasheet Search
  English  ▼

X  

LF356 Datasheet(PDF) 16 Page - Texas Instruments

Part # LF356
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF356 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LF356 Datasheet HTML 12Page - Texas Instruments LF356 Datasheet HTML 13Page - Texas Instruments LF356 Datasheet HTML 14Page - Texas Instruments LF356 Datasheet HTML 15Page - Texas Instruments LF356 Datasheet HTML 16Page - Texas Instruments LF356 Datasheet HTML 17Page - Texas Instruments LF356 Datasheet HTML 18Page - Texas Instruments LF356 Datasheet HTML 19Page - Texas Instruments LF356 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Large Differential Input Voltage
These are operational amplifiers with JFET input devices. These JFETs have large reverse breakdown voltages
from gate to source and drain eliminating the need for clamps across the inputs. Therefore large differential input
voltages can easily be accommodated without a large increase in input current. The maximum differential input
voltage is independent of the supply voltages. However, neither of the input voltages should be allowed to
exceed the negative supply as this will cause large currents to flow which can result in a destroyed unit.
7.3.2 Large Common-Mode Input Voltage
These amplifiers will operate with the common-mode input voltage equal to the positive supply. In fact, the
common-mode voltage can exceed the positive supply by approximately 100 mV independent of supply voltage
and over the full operating temperature range. The positive supply can therefore be used as a reference on an
input as, for example, in a supply current monitor and/or limiter.
7.4 Device Functional Modes
The LFx5x has a single functional mode and operates according to the conditions listed in the Recommended
Operating Conditions.
16
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com