Electronic Components Datasheet Search
  English  ▼

X  

LF356 Datasheet(PDF) 3 Page - Texas Instruments

Part # LF356
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF356 Datasheet(HTML) 3 Page - Texas Instruments

  LF356 Datasheet HTML 1Page - Texas Instruments LF356 Datasheet HTML 2Page - Texas Instruments LF356 Datasheet HTML 3Page - Texas Instruments LF356 Datasheet HTML 4Page - Texas Instruments LF356 Datasheet HTML 5Page - Texas Instruments LF356 Datasheet HTML 6Page - Texas Instruments LF356 Datasheet HTML 7Page - Texas Instruments LF356 Datasheet HTML 8Page - Texas Instruments LF356 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
LMC Package
D or P Package
8-Pin TO-99
8-Pin SOIC or PDIP
Top View
Top View
Available per JM38510/11401 or
JM38510/11402
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BALANCE
1, 5
I
Balance for input offset voltage
+INPUT
3
I
Noninverting input
–INPUT
2
I
Inverting input
NC
8
—
No connection
OUTPUT
6
O
Output
V+
7
—
Positive power supply
V–
4
—
Negative power supply
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com