Electronic Components Datasheet Search
  English  ▼

X  

LF356 Datasheet(PDF) 1 Page - Texas Instruments

Part # LF356
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF356 Datasheet(HTML) 1 Page - Texas Instruments

  LF356 Datasheet HTML 1Page - Texas Instruments LF356 Datasheet HTML 2Page - Texas Instruments LF356 Datasheet HTML 3Page - Texas Instruments LF356 Datasheet HTML 4Page - Texas Instruments LF356 Datasheet HTML 5Page - Texas Instruments LF356 Datasheet HTML 6Page - Texas Instruments LF356 Datasheet HTML 7Page - Texas Instruments LF356 Datasheet HTML 8Page - Texas Instruments LF356 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
LFx5x JFET Input Operational Amplifiers
1 Features
2 Applications
1
•
Advantages
•
Precision High-Speed Integrators
•
Fast D/A and A/D Converters
–
Replace Expensive Hybrid and Module FET
Op Amps
•
High Impedance Buffers
–
Rugged JFETs Allow Blow-Out Free Handling
•
Wideband, Low Noise, Low Drift Amplifiers
Compared With MOSFET Input Devices
•
Logarithmic Amplifiers
–
Excellent for Low Noise Applications Using
•
Photocell Amplifiers
Either High or Low Source Impedance—Very
•
Sample and Hold Circuits
Low 1/f Corner
–
Offset Adjust Does Not Degrade Drift or
3 Description
Common-Mode Rejection as in Most
The LFx5x devices are the first monolithic JFET input
Monolithic Amplifiers
operational amplifiers to incorporate well-matched,
–
New Output Stage Allows Use of Large
high-voltage JFETs on the same chip with standard
bipolar transistors (BI-FET™ Technology). These
Capacitive Loads (5,000 pF) Without Stability
amplifiers
feature
low
input
bias
and
offset
Problems
currents/low offset voltage and offset voltage drift,
–
Internal Compensation and Large Differential
coupled with offset adjust, which does not degrade
Input Voltage Capability
drift or common-mode rejection. The devices are also
•
Common Features
designed
for
high
slew
rate,
wide
bandwidth,
extremely fast settling time, low voltage and current
–
Low Input Bias Current: 30 pA
noise and a low 1/f noise corner.
–
Low Input Offset Current: 3 pA
–
High Input Impedance: 1012
Ω
Device Information(1)
–
Low Input Noise Current: 0.01 pA/
√Hz
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
High Common-Mode Rejection Ratio: 100 dB
SOIC (8)
4.90 mm × 3.91 mm
LFx5x
TO-CAN (8)
9.08 mm × 9.08 mm
–
Large DC Voltage Gain: 106 dB
PDIP (8)
9.81 mm × 6.35 mm
•
Uncommon Features
(1) For all available packages, see the orderable addendum at
–
Extremely Fast Settling Time to 0.01%:
the end of the data sheet.
–
4
μs for the LFx55 devices
–
1.5
μs for the LFx56
Simplified Schematic
–
1.5
μs for the LFx57 (AV = 5)
–
Fast Slew Rate:
–
5 V/µs for the LFx55
–
12 V/µs for the LFx56
–
50 V/µs for the LFx57 (AV = 5)
–
Wide Gain Bandwidth:
–
2.5 MHz for the LFx55 devices
–
5 MHz for the LFx56
–
20 MHz for the LFx57 (AV = 5)
–
Low Input Noise Voltage:
–
20 nV/
√Hz for the LFx55
3 pF in LF357 series
–
12 nV/
√Hz for the LFx56
–
12 nV/
√Hz for the LFx57 (AV = 5)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LF356

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF356 STMICROELECTRONICS-LF356 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
logo
Linear Technology
LF356 LINER-LF356 Datasheet
422Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF356 NSC-LF356 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
LF356 NSC-LF356 Datasheet
543Kb / 15P
Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF356 TI-LF356 Datasheet
2Mb / 32P
LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
More results

Similar Description - LF356

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com