Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM340 Datasheet HTML 13Page - Texas Instruments LM340 Datasheet HTML 14Page - Texas Instruments LM340 Datasheet HTML 15Page - Texas Instruments LM340 Datasheet HTML 16Page - Texas Instruments LM340 Datasheet HTML 17Page - Texas Instruments LM340 Datasheet HTML 18Page - Texas Instruments LM340 Datasheet HTML 19Page - Texas Instruments LM340 Datasheet HTML 20Page - Texas Instruments LM340 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17
LM340, LM340A, LM7805, LM7812, LM7815
www.ti.com
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM340 is designed to operate from a wide input voltage up to 35 V. Please refer to electrical characteristics
tables for the minimum input voltage required for line/load regulation. If the device is more than six inches from
the input filter capacitors, an input bypass capacitor, 0.1 μF or greater, of any type is needed for stability.
10 Layout
10.1 Layout Guidelines
Some layout guidelines must be followed to ensure proper regulation of the output voltage with minimum noise.
Traces carrying the load current must be wide to reduce the amount of parasitic trace inductance. To improve
PSRR, a bypass capacitor can be placed at the OUTPUT pin and must be placed as close as possible to the IC.
All that is required for the typical fixed output regulator application circuit is the LM340x/LM7805 Family IC and a
0.22-µF input capacitor if the regulator is placed far from the power supply filter. A 0.1-µF output capacitor is
recommended to help with transient response. In cases when VIN shorts to ground, an external diode must be
placed from VOUT to VIN to divert the surge current from the output capacitor and protect the IC.
10.2 Layout Example
Figure 27. Layout Example DDPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com