Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM340 Datasheet HTML 25Page - Texas Instruments LM340 Datasheet HTML 26Page - Texas Instruments LM340 Datasheet HTML 27Page - Texas Instruments LM340 Datasheet HTML 28Page - Texas Instruments LM340 Datasheet HTML 29Page - Texas Instruments LM340 Datasheet HTML 30Page - Texas Instruments LM340 Datasheet HTML 31Page - Texas Instruments LM340 Datasheet HTML 32Page - Texas Instruments LM340 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
www.ti.com
PACKAGE OUTLINE
C
0 -8
0.25
GAGE PLANE
2.24
1.24
0 -8
2.24
1.24
1.32
1.22
1.27 MAX
2X 2.54
4.64
4.45
5.08 MIN
5.08 MIN
3X
0.97
0.71
14.35 MAX
0.76
0.38
0.25
0.00
B
8.64
A
10.41
9.91
0.25
GAGE PLANE
4215105/C 08/2024
TO-263 - 4.83 mm max height
KTT0003B
TRANSISTOR OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Features may not exist and shape may vary per different assembly sites.
4. Reference JEDEC registration TO-263, except minimum lead thickness and minimum exposed pad length.
1
0.25
C A B
3
OPTIONAL
NOTE 3
NOTE 3
THERMAL PAD
EXPOSED
3
4
1
OPTIONAL LEAD FORM
SCALE 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com