Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM340 Datasheet HTML 27Page - Texas Instruments LM340 Datasheet HTML 28Page - Texas Instruments LM340 Datasheet HTML 29Page - Texas Instruments LM340 Datasheet HTML 30Page - Texas Instruments LM340 Datasheet HTML 31Page - Texas Instruments LM340 Datasheet HTML 32Page - Texas Instruments LM340 Datasheet HTML 33Page - Texas Instruments LM340 Datasheet HTML 34Page - Texas Instruments LM340 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
14.17
(4.515)
(0.91)
(1.29) TYP
(1.29)
(1.29) TYP
(2.54)
3X (2.16)
3X (1.07)
(R0.05) TYP
32X (
1.09)
4215105/C 08/2024
TO-263 - 4.83 mm max height
KTT0003B
TRANSISTOR OUTLINE
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
1
3
4
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
60% PRINTED SOLDER COVERAGE BY AREA
SCALE:6X
SYMM
EXPOSED METAL
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com