Electronic Components Datasheet Search
  English  ▼

X  

LM46001 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM46001
Description  LM46001 3.5-V to 60-V, 1-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46001 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM46001 Datasheet HTML 28Page - Texas Instruments LM46001 Datasheet HTML 29Page - Texas Instruments LM46001 Datasheet HTML 30Page - Texas Instruments LM46001 Datasheet HTML 31Page - Texas Instruments LM46001 Datasheet HTML 32Page - Texas Instruments LM46001 Datasheet HTML 33Page - Texas Instruments LM46001 Datasheet HTML 34Page - Texas Instruments LM46001 Datasheet HTML 35Page - Texas Instruments LM46001 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SS
SSC
SS
C
I
t
u
32
LM46001
SNVSA46B – JUNE 2014 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: LM46001
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8.2.2.11 Soft-Start Capacitors
The user can leave the SS/TRK pin floating, and the LM46001 implements a soft-start time of 4.1 ms typically. In
order to use an external soft start capacitor, choose the capacitor size so that the soft-start time is longer than
4.1 ms. Use Equation 23 to calculate the soft-start capacitor value:
where
•
CSS = Soft-start capacitor value (µF)
•
ISS = Soft-start charging current (µA)
•
tSS = Desired soft start time (s)
(23)
For the desired soft-start time of 10 ms and soft-start charging current of 2.2 µA, Equation 23 yields a soft-start
capacitor value of 0.022 µF.
8.2.2.12 Undervoltage Lockout Setpoint
The undervoltage lockout (UVLO) is adjusted using the external voltage divider network of RENT and RENB. RENT
is connected between VIN and the EN pin of the LM46001 device. RENB is connected between the EN pin and
the GND pin. The UVLO has two thresholds, one for power up when the input voltage is rising and one for power
down or brownouts when the input voltage is falling. Use Equation 24 to determine the rising VIN (UVLO) level:
VIN-UVLO-RISING = VENH × (RENB + RENT) / RENB
(24)
The EN rising threshold for LM46001 is set to be 2.1 V. Choose the value of RENB to be 1 MΩ to minimize input
current going into the converter. If the desired VIN (UVLO) level is at 5 V, then the value of RENT can be
calculated using Equation 25:
RENT = (VIN-UVLO-RISING / VENH – 1) × RENB
(25)
Equation 25 yields a value of 1.37 M
Ω. The resulting falling UVLO threshold can be calculated by Equation 26:
VIN-UVLO-FALLING = 1.8 × (RENB + RENT) / RENB
(26)
8.2.2.13 PGOOD
A typical pullup resistor value is 10 k
Ω to 100 kΩ from the PGOOD pin to a voltage no higher than 12 V. If it is
desired to pull up the PGOOD pin to a voltage higher than 12 V, a resistor can be added from the PGOOD pin to
ground to divide the voltage seen by the PGOOD pin to a value no higher than 12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com