Electronic Components Datasheet Search
  English  ▼

X  

LM46001 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM46001
Description  LM46001 3.5-V to 60-V, 1-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46001 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM46001 Datasheet HTML 9Page - Texas Instruments LM46001 Datasheet HTML 10Page - Texas Instruments LM46001 Datasheet HTML 11Page - Texas Instruments LM46001 Datasheet HTML 12Page - Texas Instruments LM46001 Datasheet HTML 13Page - Texas Instruments LM46001 Datasheet HTML 14Page - Texas Instruments LM46001 Datasheet HTML 15Page - Texas Instruments LM46001 Datasheet HTML 16Page - Texas Instruments LM46001 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
Temperature (
ƒC)
IL Peak Limit
IL Valley Limit
C001
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
VIN (V)
C001
13
LM46001
www.ti.com
SNVSA46B – JUNE 2014 – REVISED JANUARY 2018
Product Folder Links: LM46001
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, L = 18 µH, COUT = 100 µF, CFF = 33 pF. See Application
Curves for bill of materials (BOM) for other VOUT and FS combinations.
VIN = 24 V
VOUT = 3.3 V
FS = 500 kHz
Figure 31. Peak and Valley Current Limits vs Junction
Temperature
VOUT = 3.3 V
FS = 500 kHz
IOUT = 0 A
Figure 32. Operating IQ vs VIN with BIAS Connected to VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com